Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download 1N5399G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G THRU 1N5399G
1.5 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 1.5 Amperes
Features
a a a Low forward voltage drop High current capability High reliability High surge current capability
DO-15
a
a a a a a
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STDLead: 202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 250C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.40 gram
Dimensions in inches and (millimeters)
a
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 60C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.5A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=125C Typical Junction Capacitance ( Note ) Operating and Storage Temperature Range TJ,TSTG
1N 1N 1N 1N 1N 1N 1N 5391G 5392G 5393G 5395G 5397G 5398G 5399G
Units V V V A A
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50
600 420 600
800 560 800
1000 700 1000
1.1
1.0 5.0 100 30 - 65 to + 150
V uA uA pF C
Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
- 312 -
RATINGS AND CHARACTERISTIC CURVES (1N5391G THRU 1N5399G)
FIG.1- TYPICAL FORWARD CHARACTERISTICS
10 100
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
60 50 40 30
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
10 1
10 NUMBER OF CYCLES AT 60Hz
100
FORWARD VOLTAGE. (V)
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
1.50
FIG.3- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
1.00 .75
JUNCTION CAPACITANCE.(pF)
1.25
10
.50 .25 0
25
50
75
100
o
125
150
175
1
1
10 REVERSE VOLTAGE. (V)
100
AMBIENT TEMPERATURE. ( C)
- 313 -


▲Up To Search▲   

 
Price & Availability of 1N5399G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X